Part Number Hot Search : 
2SD2037 CMS0231 93AA86A NTC20D BZX85C A1208 S16800 MAX13
Product Description
Full Text Search
 

To Download STH51007G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 2001-06-01 high power 1300 nm fp laser in fc or sc receptacle package sth51007x STH51007G sth51007n fiber optics features ? designed for applications in fiber optic networks  laser diode with multi-quantum well structure  suitable for bit rates up to 1 gbit/s  ternary photodiode at rear mirror for monitoring and control of radiant power  hermetically sealed subcomponents, similar to to 46  sm receptacle with 2-hole flange and optional connector
sth51007x pin configuration and flange data sheet 2 2001-06-01 pin configuration and flange figure 1 transmitter available pinnings with flange type transmitter sth51007x 1 1 2 3 4 2.54 mm transmitter (bottom view) 1 4 2 3 md ld pinning 1
sth51007x description data sheet 3 2001-06-01 description differences between a fabry-perot and a dfb laserdiode a conventional laser consists of an amplifying medium and two end mirrors. the cavity is longer than one wavelength, and a standing wave is created. the number n of half wavelengths is . if l >> then we speak of a fabry-perot laser because the laserdiode emits multi-longitudinal modes. typically the laserdiode is 250 m long. for = 1310 nm/1550 nm n is about 350. therefore for many neighboring wavelengths the ?standing wavelength? condition specified above is fulfilled. for a dfb-laser a special grating acts as a distributed filter allowing only one of the cavity?s longitudinal modes to propagate. this can be described with a reduced oscillator length which is in the range of . for such a reduced oscillator length the standing wavelength condition will be fulfilled for n 2 what means for only one wavelength. figure 2 fabry-perot laserdiode n2 l -- - = l ? 1 wavelength intensity 0 012345 4
sth51007x description data sheet 4 2001-06-01 figure 3 dfb laserdiode regulatory compliance feature standard comments electrostatic discharge (esd) to the electrical pins mil-std 883d method 3015.7 class 1 (<500 v) wavelength intensity 0 012345 4
sth51007x technical data data sheet 5 2001-06-01 technical data the electro-optical characteristics described in the following tables are only valid for use within the specified maximum ratings or under the recommended operating conditions. absolute maximum ratings parameter symbol limit values unit min. max. module operating temperature range at case t c ?40 85 c storage temperature range t stg ?40 85 soldering temperature ( t max = 10 s, (2 mm distance from bottom edge of case ) t s 260 laser diode direct forward current i f max 120 ma radiant power cw p f, rad 4mw reverse voltage v r 2v monitor diode reverse voltage v r 10 v forward current i f 2ma transmitter electro-optical characteristics parameter symbol limit values unit min. typ. max. optical output power (maximum) p f, max > 2.4 mw emission wavelength center of range, p f = 0.5 p f, max. trans 1280 1330 nm spectral width (rms) 5 temperature coefficient of wavelength tc 0.5 nm/k threshold current (whole temperature range) i th 245ma forward voltage, p f = 0.5 p f, max. v f 1.5 v radiant power at i th p th 80 w
sth51007x technical data data sheet 6 2001-06-01 slope efficiency (?40...85c) 40 160 mw/a variation of 1st derivative of p/i (0.2 to 2 mw) s var ?30 30 % differential series resistance r s 8 ? rise time (10%?90%) t r 100 200 ps fall time (10%?90%) t f 270 500 monitor diode electro-optical characteristics parameter symbol limit values unit min. max. dark current, v r = 5 v, p f = 0, t = t max i r 500 na photocurrent, v r = 5 v, p f = 0.5 p f, max i p 100 1000 a capacitance, v r = 5 v, f = 1 mhz c 5 10 pf tracking error 1) , v r = 5 v 1) the tracking error te is the maximum deviation of p f at constant current i mon over a specified temperature range and relative to the reference point: i mon, ref = i mon ( t = 25c, p f = 0.5 p f, max. ). thus, te is given by: te ?1 1 db end of life time characteristics parameter symbol limit values unit min. max. threshold current at t = t max i th 60 ma current above threshold, over full temperature range, at i mon, ref = i mon ( t = 25c, p f = 0.5 p f, max. , bol) ? i f 770 tracking error te ?1.5 1.5 db monitor dark current, v r = 2 v, t = t max i r 1a transmitter electro-optical characteristics (cont?d) parameter symbol limit values unit min. typ. max. te db [] 10 p f t c [] p f 25c [] ------------------------ - log =
sth51007x fiber data data sheet 7 2001-06-01 fiber data the mechanical fiber characteristics are described in the following table. fiber characteristics parameter limit values unit min. typ. max. mode field diameter 8 9 10 m cladding diameter 123 125 127 mode field/cladding concentricity error 1 cladding non-circularity 2 % mode field non-circularity 6 cut off wavelength 1270 nm jacket diameter 0.8 1 mm bending radius 30 tensile strength fiber case 5 n length 0.8 1.2 m
sth51007x eye safety data sheet 8 2001-06-01 eye safety ensure to avoid exposure of human eyes to high power laser diode emitted laser beams. especially do not look directly into the laser diode or the collimated laser beam when the diode is activated. class 3b laser product according to iec 60825-1 figure 4 required labels class iiib laser product according to fda regulations complies with 21 cfr 1040.10 and 1040.11 figure 5 required label laser data wavelength 1300 nm maximum total output power less than 50 mw beam divergence (1/e 2 )10 invisible laser radiation avoid exposure to beam class 3b laser product semiconductor laser invisible radiation class iiib laser product laser radiation - avoid direct exposure to beam
sth51007x package outlines data sheet 9 2001-06-01 package outlines figure 6 flange options model type STH51007G sm fc receptacle package sth51007n sm sc receptacle package m8 x .029 (.75) ? .022 (.55) ? .016 (.40) .590 (15.0) .432 (11.0) .086 (2.2) .071 (1.8) .322 (8.2) .307 (7.8) .590 (15.0) .472 (12.0) 1 4 3 2 .098 (2.5) .083 (2.1) .365 (9.3) .350 (8.9) .534 (13.6) .519 (13.2) .283 (7.2) .267 (6.8) .755 (19.2) .739 (18.8) spacing .1 (2.54) .373 (9.5) .358 (9.1) .098 (2.5) .083 (2.1) .100 (2.54) .126 (3.2) .110 (2.8) .613 (15.6) .590 (15.0) .138(3.5) .059 (1.5) .590 (15.0) .472 (12.0) .715 (18.2) .668 (17.0) .884 (22. 5 .845 (21. 5 1 2 3 4 sc-standard iec 874-14 receptacle .491 (12.5) .476 (12.1) spacing .1 (2.54) ? .022 (.55) ? .016 (.40) dimensions in inches (mm) STH51007G sth51007n
edition 2001-06-01 published by infineon technologies ag, st.-martin-strasse 53, d-81541 mnchen, germany ? infineon technologies ag 2002. all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technologies representatives worldwide. warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life-support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. for questions on technology, delivery and prices please contact the infineon technologies offices in germany or the infineon technologies companies and representatives worldwide: see our webpage at http://www.infineon.com. sth51007x revision history: 2001-06-01 ds0 previous version: page subjects (major changes since last revision) document?s layout has been changed: 2002-aug.


▲Up To Search▲   

 
Price & Availability of STH51007G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X